Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1111N301B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1111N301B
Description  LOW NOISE 150mA LDO REGULATOR?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1111N301B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1111N301B Datasheet HTML 1Page - RICOH electronics devices division R1111N301B Datasheet HTML 2Page - RICOH electronics devices division R1111N301B Datasheet HTML 3Page - RICOH electronics devices division R1111N301B Datasheet HTML 4Page - RICOH electronics devices division R1111N301B Datasheet HTML 5Page - RICOH electronics devices division R1111N301B Datasheet HTML 6Page - RICOH electronics devices division R1111N301B Datasheet HTML 7Page - RICOH electronics devices division R1111N301B Datasheet HTML 8Page - RICOH electronics devices division R1111N301B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
'99.7.22
LOW NOISE 150mA LDO REGULATOR
R1111N SERIES
Rev.1.11
- 1 -
s OUTLINE
The R1111N Series are voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-
resistance, and high Ripple Rejection by CMOS process. Each of these voltage regulator ICs consists of a voltage reference
unit, an error amplifier, resistors, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient
response of the R1111N Series are excellent, thus these ICs are very suitable for the power supply for hand-held
communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the package for these ICs are SOT-23-5 (Mini-mold)
package , high density mounting of the ICs on boards is possible.
s FEATURES
 Ultra-Low Supply Current.........................................TYP. 35µA
 Standby Mode ...........................................................TYP. 0.1µA
 Low Dropout Voltage ................................................TYP. 0.2V(IOUT=100mA)
 High Ripple Rejection...............................................TYP. 70dB(f=1kHz)
 Low Temperature-Drift Coefficient of
 Output Voltage...........................................................TYP. ±100ppm/°C
 Excellent Line Regulation .........................................TYP. 0.05%/V
 High Output Voltage Accuracy..................................±2.0%
 Excellent Line Transient Response and Load Transient Response
 Small Package ..........................................................SOT-23-5(Mini-mold)
 Output Voltage...........................................................Stepwise setting with a step of 0.1V in the range of 1.5V to 5.0V is
possible
 Built-in chip enable circuit ( 2 types; A: “L” active , B: “H” active)
 Pinout ........................................................................Similar to the LP2980
s APPLICATIONS
 Power source for cellular phones such as GSM,CDMA and various kind of PCSs.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipment.
s BLOCK DIAGRAM
R1111NXX1A
R1111NXX1B
Vref
Current Limit
VDD
15
2
3
VOUT
GND
CE
Vref
Current Limit
VDD
15
2
3
VOUT
GND
CE


Similar Part No. - R1111N301B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1111N301B-TR-FE RICOH-R1111N301B-TR-FE Datasheet
458Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1111N301B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com