Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190060005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190060005
Description  Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 4.75mm (.187") x0.51mm (.020")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190060005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190060005 Datasheet HTML 1Page - Molex Electronics Ltd. 0190060005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190060005
Status:
Active
Description:
Avikrimp™ Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 4.75mm (.187") x
0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19006
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Flag
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
3.81mm (.150") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
AA-5222
Reference - Drawing Numbers
Sales Drawing
CDFLA187
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19006Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640014300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054300
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190060005

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0190060000 WEIDMULLER-0190060000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0190060001 MOLEX4-0190060001 Datasheet
95Kb / 2P
   Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 6.35mm (.250") x0.81mm (.032")
0190060003 MOLEX4-0190060003 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060004 MOLEX4-0190060004 Datasheet
161Kb / 3P
   Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032
0190060006 MOLEX4-0190060006 Datasheet
76Kb / 2P
   Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 4.75mm (.187") x 0.51mm (.020"||" "368234
Compression Style Ring Tongue Terminal for 8 AWG W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com