Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1121N501A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1121N501A
Description  LOW NOISE 150mA LDO REGULATOR???
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N501A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1121N501A Datasheet HTML 1Page - RICOH electronics devices division R1121N501A Datasheet HTML 2Page - RICOH electronics devices division R1121N501A Datasheet HTML 3Page - RICOH electronics devices division R1121N501A Datasheet HTML 4Page - RICOH electronics devices division R1121N501A Datasheet HTML 5Page - RICOH electronics devices division R1121N501A Datasheet HTML 6Page - RICOH electronics devices division R1121N501A Datasheet HTML 7Page - RICOH electronics devices division R1121N501A Datasheet HTML 8Page - RICOH electronics devices division R1121N501A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev.1.11
- 4 -
q
R1121NXX1B
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
∆VOUT/∆IOUT
Load Regulation
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 80mA
12
40
mV
VDIF
Dropout Voltage
refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN = Set VOUT+1V
35
70
µA
Istandby
Supply Current (Standby)
VIN = Set VOUT+1V
VCE = GND
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
Set VOUT+0.5V
≤ VIN ≤ 8V
IOUT = 30mA
0.05
0.20
%/V
RR
Ripple Rejection
f = 1KHz, Ripple 0.5Vp-p
VIN = Set VOUT+1V
70
dB
VIN
Input Voltage
8
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40
°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT = 0V
50
mA
RPD
CE Pull-down Resistance
2.5
5
10
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW = 10Hz ~ 100kHz
30
µVrms
q
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25
°C
Output Current
IOUT (mA)
Output Voltage
VOUT (V)
Conditions
MIN.
1.5
≤ VOUT ≤ 1.7
100
1.8
≤ VOUT ≤ 5.0
VIN - VOUT = 1.0V
150
Topt = 25
°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Conditions
MIN.
TYP.
MAX.
1.5
0.5
1.6
0.4
1.7
0.3
1.8
≤ VOUT ≤ 1.9
0.60
1.40
2.0
≤ VOUT ≤ 2.4
0.35
0.70
2.5
≤ VOUT ≤ 2.7
0.24
0.35
2.8
≤ VOUT ≤ 3.3
0.20
0.30
3.4
≤ VOUT ≤ 5.0
IOUT = 100mA
0.17
0.26
Note :When set Output Voltage is equal or less than 2.0V, VIN should be
equal or more than 2.0V.


Similar Part No. - R1121N501A

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1121N501H-TR-FE NISSHINBO-R1121N501H-TR-FE Datasheet
295Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N501L-TR-FE NISSHINBO-R1121N501L-TR-FE Datasheet
295Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1121N501A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com