Electronic Components Datasheet Search |
|
192210238 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
192210238 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0192210238 Status: Active Description: Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 3/8", Plated Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR18689 UL E32244 General Product Family Ring and Spade Terminals Series 19221 Comments Heavy Duty Crimp Quality Equipment Yes Mil-Spec N/A Product Name Battery Cable Lug Type Ring Physical Barrel Type Closed Insulation None Material - Plating Mating Tin Packaging Type Bag Plating min: Mating (µin) 160 Plating min: Mating (µm) 4 Plating min: Termination (µin) 160 Plating min: Termination (µm) 4 Stud Size 3/8" (M9) Termination Interface: Style Crimp or Compression Wire Insulation Diameter N/A Wire Size AWG 1 Wire Size mm² 42.4 Material Info Old Part Number BCL-138-PL Reference - Drawing Numbers Sales Drawing SD-19221-010 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19221Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Putt Pump Dieless Head System 0192860065 Manual tool for Crimping non- insulated 8AWG thru 4/0 Terminals 0192940008 Manual Putt Pump Hydraulic System, Die set required 0192860117 Hand Crimp Tool 0192840034 Die Set (large) for the HHLS Hydralic Crimper 0192900011 |
Similar Part No. - 192210238 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |