Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192120005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192120005
Description  InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192120005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192120005 Datasheet HTML 1Page - Molex Electronics Ltd. 0192120005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192120005
Status:
Active
Overview:
wire_pins
Description:
InsulKrimp™ Wire Pin Terminal for 16-14 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Crimp Terminals
Series
19212
Comments
Pin Length 9.40mm (.370")
Crimp Quality Equipment
Yes
MolexKits
Yes
Overview
wire_pins
Product Name
Wire Pin
Physical
Flammability
94V-2
Gender
Male
Material - Metal
Copper
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
39
Plating min: Mating (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
4.45mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
N/A
Material Info
Old Part Number
WP-2614X
Reference - Drawing Numbers
Sales Drawing
SD-19212-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19212Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0192120005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192120001 MOLEX4-0192120001 Datasheet
105Kb / 2P
   InsulKrimp??Wire Pin Terminal for 12-10 AWG Wire
0192120002 MOLEX4-0192120002 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 12-10 AWG Wire
0192120003 MOLEX4-0192120003 Datasheet
102Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire
0192120004 MOLEX4-0192120004 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
More results

Similar Description - 0192120005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0190700067 MOLEX4-0190700067 Datasheet
134Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700078 MOLEX4-0190700078 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700065 MOLEX4-0190700065 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700087 MOLEX4-0190700087 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700104 MOLEX4-0190700104 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190990034 MOLEX4-0190990034 Datasheet
63Kb / 2P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190700072 MOLEX4-0190700072 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700070 MOLEX4-0190700070 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191440020 MOLEX4-0191440020 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com