Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA-9260T Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SAA-9260T
Description  Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SAA-9260T Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SAA-9260T Datasheet HTML 1Page - Molex Electronics Ltd. SAA-9260T Datasheet HTML 2Page - Molex Electronics Ltd. SAA-9260T Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SAA-9260T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SAA-9260 MOLEX4-SAA-9260 Datasheet
113Kb / 2P
   Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
More results

Similar Description - SAA-9260T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640012 MOLEX4-0191640012 Datasheet
85Kb / 2P
   Perma-Seal??Female Quick Disconnect for 18-22 AWG Wire, Tab Size 6.35mm(.250
0191640015 MOLEX4-0191640015 Datasheet
113Kb / 2P
   Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0191640018 MOLEX4-0191640018 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 18-22 AWG Wire, Tab Size6.35mm (.250
0191640075 MOLEX4-0191640075 Datasheet
111Kb / 2P
   Perma-Seal??Male Quick Disconnect Tab for 10-12 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0191640048 MOLEX4-0191640048 Datasheet
113Kb / 2P
   Perma-Seal??Male Quick Disconnect Tab for 14-16 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0191640059 MOLEX4-0191640059 Datasheet
83Kb / 2P
   Perma-Seal??Female Quick Disconnect for 10-12 AWG Wire, Tab Size 6.35mm(.250
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
   Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
0191640049 MOLEX4-0191640049 Datasheet
112Kb / 3P
   Perma-Seal??Male Quick Disconnect Tab for 14-16 AWG Wire
0191640047 MOLEX4-0191640047 Datasheet
86Kb / 2P
   Perma-Seal??Female Quick Disconnect for 14-16 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
0191640017 MOLEX4-0191640017 Datasheet
114Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 18-22 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com