Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1140Q401D Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1140Q401D
Description  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q401D Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1140Q401D Datasheet HTML 1Page - RICOH electronics devices division R1140Q401D Datasheet HTML 2Page - RICOH electronics devices division R1140Q401D Datasheet HTML 3Page - RICOH electronics devices division R1140Q401D Datasheet HTML 4Page - RICOH electronics devices division R1140Q401D Datasheet HTML 5Page - RICOH electronics devices division R1140Q401D Datasheet HTML 6Page - RICOH electronics devices division R1140Q401D Datasheet HTML 7Page - RICOH electronics devices division R1140Q401D Datasheet HTML 8Page - RICOH electronics devices division R1140Q401D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC82 120mA LDO REGULATOR
R1140Q SERIES
1
OUTLINE
The R1140Q Series are voltage regulator ICs with high output voltage accuracy, low supply current, low ON-
resistance, and high ripple rejection by CMOS process. Each of these voltage regulator ICs consists of a voltage refer-
ence unit, an error amplifier, resistors for setting Output Voltage, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load tran-
sient response of the R1140Q Series are excellent, thus these ICs are very suitable for the power supply for hand-held
communication equipment.
The output voltage of these ICs is internally fixed with high accuracy. Since the package for these ICs is SC-82AB
(Super Mini-mold) package, high density mounting of the ICs on boards is possible.
FEATURES
• Ultra-Low Supply Current ................................................... TYP. 75µA
• Standby Mode....................................................................... TYP. 0.1µA
• Low Dropout Voltage ........................................................... TYP. 0.15V (IOUT=100mA Output Voltage=3.0V Type)
• High Ripple Rejection .......................................................... TYP. 75dB (f=1kHz)
• Low Temperature-Drift Coefficient of Output Voltage....... TYP. ±100ppm/°C
• Excellent Line Regulation.................................................... TYP. 0.05%/V
• High Output Voltage Accuracy ............................................ ±2.0%
• Excellent Dynamic Response
• Small Package....................................................................... SC-82AB (Super Mini-mold)
• Output Voltage...................................................................... Stepwise setting with a step of 0.1V in the range of 1.5V
to 4.0V is possible
• Built-in chip enable circuit (B/D: active high)
• Built-in fold-back protection circuit..................................... TYP. 40mA (Current at short mode)
APPLICATIONS
• Power source for cellular phones such as GSM, CDMA and various kinds of PCS.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R1140Q401D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
More results

Similar Description - R1140Q401D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com