Selected language     English  â–Ľ


M-4172T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. M-4172T
Description  VibraKrimp™ Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190180047
Status:
Active
Description:
VibraKrimp™ Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab
4.75mm (.187") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-005 (PDF)
General
Product Family
Quick Disconnects
Series
19018
Comments
Butted Seam
Crimp Quality Equipment
Yes
Product Name
VibraKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Wire Insulation Diameter
1.00-2.40mm (.040-.095") max.
Wire Size AWG
24, 26
Wire Size mm²
0.12 - 0.20
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
M-4172T
Reference - Drawing Numbers
Product Specification
PS-19902-005
Sales Drawing
SD-19018-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19018Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ASP Perishable
Tool Kit used in ASP
presses that process
product on tape
0190270181
Mini-Mac™
Applicator
0638851700
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl