Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1230D181B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1230D181B
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D181B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1230D181B Datasheet HTML 5Page - RICOH electronics devices division R1230D181B Datasheet HTML 6Page - RICOH electronics devices division R1230D181B Datasheet HTML 7Page - RICOH electronics devices division R1230D181B Datasheet HTML 8Page - RICOH electronics devices division R1230D181B Datasheet HTML 9Page - RICOH electronics devices division R1230D181B Datasheet HTML 10Page - RICOH electronics devices division R1230D181B Datasheet HTML 11Page - RICOH electronics devices division R1230D181B Datasheet HTML 12Page - RICOH electronics devices division R1230D181B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev. 1.12
- 9 -
q
If the mode is switched over into PWM mode from VFM mode during the operation, change the mode at light load
current. If the load current us large, output voltage may decline.
q
Reinforce the VIN, PGND, and VOUT lines sufficiently. Large switching current may flow in these lines. If the
impedance of VIN and PGND lines is too large, the internal voltage level in this IC may shift caused by the
switching current, and the operation might be unstable.
✰ The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that the
values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.
s OPERATION of step-down DC/DC converter and Output Current
The step-down DC/DC converter charges energy in the inductor when Lx transistor is ON, and discharges the energy
from the inductor when Lx transistor is OFF and controls with less energy loss, so that a lower output voltage than the
input voltage is obtained. The operation will be explained with reference to the following diagrams:
<Basic Circuits>
<Current through L>
L
CL
VOUT
IOUT
VIN
Pch Tr
i1
i2
Nch Tr
T=1/fosc
toff
ton
ILmax
ILmin
topen
Step 1:
P-channel Tr. turns on and current IL (=i1) flows, and energy is charged into CL. At this moment, IL
increases from ILmin(=0) to reach ILmax in proportion to the on-time period(ton) of P-channel Tr.
Step 2:
When P-channel Tr. turns off, Synchronous rectifier N-channel Tr. turns on in order that L maintains IL at
ILmax, and current IL (=i2) flows.
Step 3:
IL (=i2) decreases gradually and reaches IL=ILmin=0 after a time period of topen, and N-channel Tr. turns
off. Provided that in the continuous mode, next cycle starts before IL becomes to 0 because toff time is not
enough. In this case, IL value increases from this ILmin(>0).
In the case of PWM control system, the output voltage is maintained by controlling the on-time period (ton), with the
oscillator frequency (fosc) being maintained constant.
q Discontinuous Conduction Mode and Continuous Conduction Mode
The maximum value (ILmax) and the minimum value (ILmin) of the current flowing through the inductor are the
same as those when P-channel Tr. turns on and off.
The difference between ILmax and ILmin, which is represented by
∆I;
∆I = ILmax – ILmin = VOUT × topen / L = (VIN-VOUT)×ton/L⋅⋅⋅Equation 1
Wherein T=1/fosc=ton+toff
duty (%)=ton/T
×100=ton×fosc×100
topen
≤ toff
In Equation 1, VOUT
×topen/L and (VIN-VOUT)×ton/L respectively show the change of the current at “ON”, and the
change of the current at “OFF”.
When the output current (IOUT) is relatively small, topen<toff as illustrated in the above diagram. In this case, the
energy is charged in the inductor during the time period of ton and is discharged in its entirely during the time period of
toff, therefore ILmin becomes to zero (ILmin=0). When Iout is gradually increased, eventually, topen becomes to toff
(topen=toff), and when IOUT is further increased, ILmin becomes larger than zero (ILmin>0). The former mode is
referred to as the discontinuous mode and the latter mode is referred to as continuous mode.
In the continuous mode, when Equation 1 is solved for ton and assumed that the solution is tonc,


Similar Part No. - R1230D181B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D181B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com