Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1250V301A-E2 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1250V301A-E2
Description  Negative Output Charge Pump Regulator(100mA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1250V301A-E2 Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1250V301A-E2 Datasheet HTML 1Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 2Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 3Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 4Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 5Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 6Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 7Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 8Page - RICOH electronics devices division R1250V301A-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Negative Output Charge
Pump Regulator (100mA)
R1250V××1A SERIES
1
OUTLINE
The R1250V××1A Series are Negative Output Charge Pump Regulator ICs, which can be developed as local power
suppliers for portable appliances and small electric appliances used with batteries, with low supply current by CMOS
process.
Each of these ICs consists of an oscillator, a control circuit, a reference voltage unit, an error amplifier, and an out-
put driver circuit. The R1250V××1A can easily supply negative voltage, or regulated setting output voltage in the
range from -2V to -4V from positive input voltage.
The chip enable function works to shut down the internal circuit and reduces supply current at the stand-by mode,
therefore the R1250V××1A is very suitable for the application such as portable systems that require low supply cur-
rent.
Since the package for this IC is TSSOP8 package (TSOP8 in EIAJ standard), high density mounting of the ICs on
board is possible.
FEATURES
• Output Current..................... 100mA (MAX. at VIN=5.0V, CIN=CP=COUT=4.7µF, Set Output Voltage=-3.0V)
• Output Voltage Accuracy...... ±3.0% (VIN=5.0V, CIN=CP=COUT=4.7µF, Set Output Voltage=-3.0V, IOUT=0mA/10mA)
±9.0% (VIN=5.0V, CIN=CP=COUT=4.7µF, Set Output Voltage=-3.0V, IOUT=50mA)
• Output Voltage...................... Stepwise setting with a step of 0.1V in the range from -2.0V to -4.0V is possible.
• Range of Input Voltage ......... VOUTV to +5.5V (Set Output Voltage=-4.0V to -2.8V)
+2.7V to +5.5V (Set Output Voltage=-2.7V to -2.0V)
• Oscillator Frequency ............ TYP. 280kHz
• Chip Enable Function (Active at “L”)
• Package ................................. TSSOP8
APPLICATIONS
• Power source for Disk Drives.
• Power source for hand-held communication equipment and battery-powered equipment.
• Power source for PC peripherals and ADD-ON cards.
• Power source for portable audio-visual appliances such as cameras.
• Local power source for small electrical appliances.


Similar Part No. - R1250V301A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
More results

Similar Description - R1250V301A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
   Triple-Output Charge Pump Regulator
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Analog Devices
ADP5600 AD-ADP5600 Datasheet
1Mb / 25P
   Interleaved Inverting Charge Pump with Negative LDO Regulator
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com