Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5101G Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5101G
Description  Microprocessor power management with Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5101G Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5101G Datasheet HTML 2Page - RICOH electronics devices division R5101G Datasheet HTML 3Page - RICOH electronics devices division R5101G Datasheet HTML 4Page - RICOH electronics devices division R5101G Datasheet HTML 5Page - RICOH electronics devices division R5101G Datasheet HTML 6Page - RICOH electronics devices division R5101G Datasheet HTML 7Page - RICOH electronics devices division R5101G Datasheet HTML 8Page - RICOH electronics devices division R5101G Datasheet HTML 9Page - RICOH electronics devices division R5101G Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
12345
Rev. 1.10
- 6 -
lR5101G003A
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDD
Operating Voltage
10
V
Iss-On
Supply Current (WDT active)
VDD=CE=7.0V
7
20
mA
Iss-Off
Supply Current (WDT inactive)
VDD=7.0V, CE=GND
8
24
mA
VOUT
Output Voltage
VDD=7.0V, IOUT=10mA
4.875
5.000
5.125
V
IOUT
Output Current
VDD=7.0V
50
mA
VDIF
Dropout Voltage
IOUT=30mA
100
350
600
mV
DVOUT/
DIOUT
Load Regulation
VDD=7.0V
1mA
£IOUT£50mA
50
100
mV
DVOUT/
DVDD
Line Regulation
IOUT=10mA
VOUT+0.5V
£VDD£10V
0.1
0.2
%/V
Ilim
Current Limit (Short mode)
VOUT=0V
10
50
100
mA
DVOUT/
DTopt
Output Voltage Temperature
Coefficient
IOUT=10mA
-40
°C£Topt£85°C
±100
ppm/
°C
-VDET
Detector Threshold
4.388
4.500
4.590
V
VHYS
Hysteresis Range
0.135
0.225
0.315
V
VDETMGN
Regulator Voltage Margin
against Released Voltage
VOUT-((-VDET)+VHYS),
IOUT=10mA
0.02
V
D-VDET/
DTopt
Detector Threshold
Temperature Coefficient
-40
°C£Topt£85°C
±100
ppm/
°C
tpr
Reset Delay Time
VDD=7.0V, CD=0.001
mF
7
14
21
ms
twd
Watch Time of WDT
VDD=7.0V, CW=0.01
mF
50
100
150
ms
twr
Reset Hold Time of WDT
VDD=7.0V, CW=0.01
mF
5
10
15
ms
VIHSCK
SCK Input Voltage " H "
VDD=7.0V
0.8
´VOUT
VDD
V
VILSCK
SCK Input Voltage " L "
VDD=7.0V
0
0.2
´VOUT
V
VIHCE
CE Input Voltage " H "
1.2
VDD
V
VILCE
CE Input Voltage " L "
0
0.2
V
IIHSCK
SCK Input Current " H "
VDD=SCK=7.0V
-1
1
mA
IILSCK
SCK Input Current " L "
VDD=7.0V, SCK=GND
-1
1
mA
Rpu
CE Pull-up Resistance
2
4
10
M
W
ICD
CD Pin Output Current
VDD=1.3V, VDS=0.5V
1
2
mA
ICTW
CTW Pin Output Current
VDD=1.3V, VDS=0.5V
1
2
mA
IRESET
RESET Pin Output Current
VDD=1.3V, VDS=0.5V
1
2
mA
Ileak
RESET Pin Leakage Current
VDD=10.0V, CE=GND,
VDS=12.0V
-1
1
mA
tsckw
SCK Input Pulse Width
VDD=7.0V, SCK=GND
500
ns
Vstart
Minimum Operating Voltage of
Voltage Detector
0.9
1.3
V


Similar Part No. - R5101G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5101010 POWEREX-R5101010 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101015 POWEREX-R5101015 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101210 POWEREX-R5101210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101215 POWEREX-R5101215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5101G

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com