Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3112Q131A Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R3112Q131A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112Q131A Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R3112Q131A Datasheet HTML 3Page - RICOH electronics devices division R3112Q131A Datasheet HTML 4Page - RICOH electronics devices division R3112Q131A Datasheet HTML 5Page - RICOH electronics devices division R3112Q131A Datasheet HTML 6Page - RICOH electronics devices division R3112Q131A Datasheet HTML 7Page - RICOH electronics devices division R3112Q131A Datasheet HTML 8Page - RICOH electronics devices division R3112Q131A Datasheet HTML 9Page - RICOH electronics devices division R3112Q131A Datasheet HTML 10Page - RICOH electronics devices division R3112Q131A Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev. 1.10
- 7 -
s TEST CIRCUITS
*Pull-up circuit is not necessary for CMOS Output type, or R3112XXXXC.
Supply Current Test Circuit
Detector Threshold Test Circuit
R3112X
Series
VDD
GND
ISS
R3112
Series
VDD
GND
VIN
470k
OUT
+5V or
VDD
Nch Driver Output Current Test Circuit
Pch Driver Output Current Test Circuit *Apply only to
CMOS
R3112
Series
VDD
GND
VIN
OUT
VDS
IOUT
R3112X
Series
VDD
GND
VIN
OUT
VDD+VDS
IOUT
CD Pin Threshold Test Circuit
CD Pin Output Current Test Circuit
R3112X
Series
VDD
GND
VIN
470k
OUT
+5V or VDD
VDS
CD
R3112X
Series
VDD
GND
VIN
VDS
CD
ICD
Output Delay Time Test Circuit
R3112X
Series
VDD
GND
VIN
470k
OUT
+5V
CD
CD
GND
GND
50%
100%
0.7V
+VDET+2.0V or 6.0V
Input
Voltage
Output Voltage


Similar Part No. - R3112Q131A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112Q131A RICOH-R3112Q131A Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - R3112Q131A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com