Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5101G001A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5101G001A
Description  Microprocessor power management with Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5101G001A Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5101G001A Datasheet HTML 1Page - RICOH electronics devices division R5101G001A Datasheet HTML 2Page - RICOH electronics devices division R5101G001A Datasheet HTML 3Page - RICOH electronics devices division R5101G001A Datasheet HTML 4Page - RICOH electronics devices division R5101G001A Datasheet HTML 5Page - RICOH electronics devices division R5101G001A Datasheet HTML 6Page - RICOH electronics devices division R5101G001A Datasheet HTML 7Page - RICOH electronics devices division R5101G001A Datasheet HTML 8Page - RICOH electronics devices division R5101G001A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
12345
‘99.12.3
Microprocessor power management with Watchdog Timer
R5101G Series
12345
Rev. 1.10
- 1 -
n OUTLINE
The R5101G Series are microprocessor power management ICs with high accuracy output voltage and
detector threshold and with ultra low supply current by CMOS process. Each of these ICs consists of a voltage
regulator, a voltage detector and a watchdog timer. Thus, the R5101G Series have the function of a power
management for microprocessor, a monitor of the voltage of a power source and a microprocessor supervisor.
The built-in voltage regulator with an internal driver transistor can supply typically 50mA current to a system
when the voltage difference between input and output is 2V. Therefore these ICs are very suitable for various
power supply systems for microprocessors. The output voltage is monitored by the voltage detector which is
built-in these ICs.
The built-in voltage detector has an output delay function and the delay time can be set by an external
capacitor(CD).
The output voltage and the detector threshold voltage can be set individually for each IC by laser trimming.
Furthermore, when a microprocessor works incorrectly, the watchdog timer which checks over microprocessor
generates reset signals intermittently to prevent a whole system from being malfunction.
The time period for watching and holding a reset signal of the watchdog timer can also be set individually
by an external capacitor(CTW).
n FEATURES
l Built-in a watchdog timer
l Time period for monitoring and generating a reset signal of the watchdog timer can be set by an external
capacitor
l Watchdog timer can be stopped individually by CE Pin
l Low supply current · · · · · · · · · · · · · · · · · · · · · · ·TYP. 5µA
l The output voltage of Voltage Regulator and the detector threshold voltage can be set individually with a step
of 0.1V for each IC by laser trim
l High Accuracy Output Voltage of Voltage Regulator and Detector Threshold · · · · ±2.5%
l Power-on Reset Delay Time can be set by an external capacitor
l Output Current · · · · · · · Typ. 50mA (at Vin - Vout = 2V)
l Small Package · · · Ultra-mini SSOP-8G (0.65mm pitch ) Refer to Package Dimensions
n APPLICATION
l Power source for microprocessors
n PIN CONFIGURATION
CTW
CD
VDD
VOUT
SCK
GND
Reset
CE
SSOP8G(0.65mm pitch)


Similar Part No. - R5101G001A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5101010 POWEREX-R5101010 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101015 POWEREX-R5101015 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101210 POWEREX-R5101210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5101215 POWEREX-R5101215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5101G001A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com