Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1230D181C Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1230D181C
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D181C Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1230D181C Datasheet HTML 1Page - RICOH electronics devices division R1230D181C Datasheet HTML 2Page - RICOH electronics devices division R1230D181C Datasheet HTML 3Page - RICOH electronics devices division R1230D181C Datasheet HTML 4Page - RICOH electronics devices division R1230D181C Datasheet HTML 5Page - RICOH electronics devices division R1230D181C Datasheet HTML 6Page - RICOH electronics devices division R1230D181C Datasheet HTML 7Page - RICOH electronics devices division R1230D181C Datasheet HTML 8Page - RICOH electronics devices division R1230D181C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. 1.12
- 5 -
s
s
s
s ELECTRICAL CHARACTERISTICS
qR1230D**1A/B
(Topt=25
°C)
Symbol
Item
Conditions
MIN.
TYP.
MAX. Unit
VIN
Operating Input Voltage
2.4
5.5
V
VOUT
Step-down Output Voltage
VIN=VCE=VSET+1.5V, VMODE=0V,
IOUT=10mA
TYP.
×
0.980
VSET
TYP.
×
1.020
V
∆VOUT/
∆T
Step-down Output Voltage
Temperature Coefficient
-40
°C ≤ Topt ≤ 85°C
±150
ppm
/
°C
fosc
Oscillator Frequency(xx1A)
VIN=VCE=VSET+1.5V
425
500
575
kHz
fosc
Oscillator Frequency(xx1B)
VIN=VCE=VSET+1.5V
680
800
920
kHz
IDD
Supply Current(xx1A)
VIN=VCE=VSET+1.5V,
VOUT=VMODE=0V
230
300
µA
IDD
Supply Current(xx1B)
VIN=VCE=VSET+1.5V,
VOUT=VMODE=0V
250
350
µA
Istb
Standby Current
VIN=5.5V, VCE=VOUT=0V
0
5
µA
RONP
ON Resistance of
Pch Transistor
VIN=5.0V
0.20
0.35
0.60
RONN
ON Resistance of
Nch Transistor
VIN=5.0V
0.20
0.45
0.70
ILXleak Lx Leakage Current
VIN=5.5V, VCE=0V, VLX=0V/5.5V
-0.1
0.0
0.1
µA
IVOUT
VOUT Leakage Current
VIN=5.5V, VCE=0V, VLX=0V/5.5V
-0.1
0.0
0.1
µA
ICE
CE Input Current
VIN=5.5V, VMODE=0V, VCE=5.5V/0V
-0.1
0.0
0.1
µA
VCEH
CE "H" Input Voltage
VIN=5.5V, VOUT=0V
1.5
V
VCEL
CE "L" Input Voltage
VIN=2.4V, VOUT=0V
0.3
V
Maxdty Oscillator Maximum Duty Cycle
VMODE=0V
100
%
VLX
Lx Limit Voltage
VMODE= VOUT=0V, VIN=VCE=3.0V
VIN-0.15 VIN-0.35
VIN-
0.55
V
Tstart
Delay Time by Soft-Start function at no load, VIN=VCE=VSET+1.5V
0.5
1.5
2.5
ms
Tprot
Delay Time for protection circuit
VIN=VCE=VSET+1.5V, VMODE=0V
0.5
1.5
2.5
ms
VUVLO1 UVLO Threshold Voltage
VIN=VCE=2.5V->1.5V, VOUT=0V
1.8
2.1
2.2
V
VUVLO2 UVLO Released Voltage
VIN=VCE=1.5V->2.5V, VOUT=0V
1.9
2.2
2.3
V
IMODE
MODE Pin Input Current
VIN=5.5V, VCE=0V, VMODE=5.5V/0V
-0.1
0.1
µA
VMODEH MODE ”H” Input Voltage
VIN=VCE=5.5V, VOUT=0V
1.5
V
VMODEL MODE ”L” Input Voltage
VIN=VCE=2.4V, VOUT=0V
0.3
V
VFMdty VFM Duty Cycle
VIN=VCE= VMODE=2.4V, VOUT=0V
55
65
85
%


Similar Part No. - R1230D181C

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D181C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com