Electronic Components Datasheet Search |
|
190050003 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
190050003 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0190050003 Status: Active Description: InsulKrimp™ Fully Insulated Coupler, Female, for 18-22 AWG Wire, Continuous Molded Strip Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-19902-008 (PDF) Agency Certification CSA LR18689 UL E79133 General Product Family Quick Disconnects Series 19005 Crimp Quality Equipment Yes Product Name InsulKrimp™ Type Quick Disconnect Physical Barrel Type Closed Color - Resin Natural Flammability 94V-0 Gender Female Glow-Wire Compliant No Insulation Nylon (PA) Lock to Mating Part None Material - Metal Brass Material - Resin Nylon Orientation Straight Packaging Type Reel Polarized to Mating Part No Tab Thickness 0.81mm (.032") Tab Width 6.35mm (.250") Temperature Range - Operating -65°C to +105°C Wire Insulation Diameter 4.19mm (.165") max. Wire Size AWG 18, 20, 22 Wire Size mm² 0.35 - 0.80 Electrical Voltage - Maximum 600V Material Info Old Part Number AA-2261C Reference - Drawing Numbers Product Specification PS-19902-008 Sales Drawing SD-19005-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19005Series Use With 19004-0001 , 19004-0004 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # ACP Perishable Tool Kit used in ACP presses that process continuous molded product 0190280024 Mini-Mac™ Applicator 0638832600 This document was generated on 04/12/2010 |
Similar Part No. - 190050003 |
|
Similar Description - 190050003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |