Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMCT-5T Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # AMCT-5T
Description  Avikrimp?줢uick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AMCT-5T Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  AMCT-5T Datasheet HTML 1Page - Molex Electronics Ltd. AMCT-5T Datasheet HTML 2Page - Molex Electronics Ltd. AMCT-5T Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - AMCT-5T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AMCT-5 MOLEX4-AMCT-5 Datasheet
130Kb / 2P
   Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 6.35mm (.250x 0.81mm(.032") Tab
AMCT-57 MOLEX4-AMCT-57 Datasheet
130Kb / 2P
   Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 4.75mm (.187") x 0.51mm(.020") Tab
AMCT-57T MOLEX4-AMCT-57T Datasheet
132Kb / 3P
   Avikrimp?줢uick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com