Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3112Q451A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R3112Q451A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112Q451A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R3112Q451A Datasheet HTML 4Page - RICOH electronics devices division R3112Q451A Datasheet HTML 5Page - RICOH electronics devices division R3112Q451A Datasheet HTML 6Page - RICOH electronics devices division R3112Q451A Datasheet HTML 7Page - RICOH electronics devices division R3112Q451A Datasheet HTML 8Page - RICOH electronics devices division R3112Q451A Datasheet HTML 9Page - RICOH electronics devices division R3112Q451A Datasheet HTML 10Page - RICOH electronics devices division R3112Q451A Datasheet HTML 11Page - RICOH electronics devices division R3112Q451A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. 1.10
- 8 -
s
s
s
s TYPICAL CHARACTERISTICS
1) Supply Current vs. Input Voltage
R3112X091X
R3112X131X
0
0.3
0.6
0.9
1.2
1.5
01234567
Input Voltage VIN(V)
0
0.3
0.6
0.9
1.2
1.5
0
1
23
45
6
7
Input Voltage VIN(V)
R3112X271X
R3112X451X
0
0.3
0.6
0.9
1.2
1.5
01234567
Input Voltage VIN(V)
0
0.4
0.8
1.2
1.6
2
01
2
3
45
6
7
Input Voltage VIN (V)
2) Detector Threshold vs. Temperature
R3112X091X
R3112X131X
0.86
0.88
0.90
0.92
0.94
0.96
0.98
-50
-25
0
25
50
75
100
Temperature Topt
1.26
1.28
1.30
1.32
1.34
1.36
1.38
1.40
1.42
-50
-25
0
25
50
75
100
Temperature Topt
Topt=85
°C
25
°C
-40
°C
-40
°C
Topt=85
°C
25
°C
-40
°C
25
°C
Topt=85
°C
Topt=85
°C
25
°C
-40
°C
(
°C)
+VDET
-VDET
(
°C)
+VDET
-VDET


Similar Part No. - R3112Q451A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112Q451A RICOH-R3112Q451A Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - R3112Q451A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com