Selected language     English  â–Ľ


E-657-14XT Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-657-14XT
Description  InsulKrimp™ Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 1/4, Length 42.34mm (1.667"), Mylar Tape Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710192
Status:
Active
Description:
InsulKrimp™ Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, Stud
Size 1/4, Length 42.34mm (1.667"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
1/4" (M6)
Wire Insulation Diameter
11.18mm (.440")
Wire Size AWG
6
Wire Size mm²
10.5 - 16.8
Material Info
Old Part Number
E-657-14XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals designed
for large wire guages
0190472040
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190472070
ATP Tooling Kit
for ATP-100 and
ATP-300 Series Air
0192880225




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl