Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1141Q401B-TL Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1141Q401B-TL
Description  SC82 120mA LDO REGULATOR????
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1141Q401B-TL Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1141Q401B-TL Datasheet HTML 3Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 4Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 5Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 6Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 7Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 8Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 9Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 10Page - RICOH electronics devices division R1141Q401B-TL Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.10
- 7 -
s TYPICAL CHARACTERISTICS
1)
Output Voltage vs. Output Current
R1141Q151X
R1141Q201X
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
Output Current Iout[mA]
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
300
Output Current Iout[mA]
R1141Q281X
R1141Q401X
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
Output Current Iout[mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
300
Output Current Iout[mA]
2)
Output Voltage vs. Input Voltage
R1141Q151X
R1141Q201X
1.0
1.1
1.2
1.3
1.4
1.5
1.6
123
456
Input Voltage Vin[V]
Iout=-1mA
Iout=-30mA
Iout=-50mA
1.0
1.2
1.4
1.6
1.8
2.0
2.2
123
456
Input Voltage Vin[V]
Iout=-1mA
Iout=-30mA
Iout=-50mA
VIN=1.8V
2.0V
2.5V
3.5V
VIN=2.3V
2.5V
3.0V
4.0V
VIN=3.1V
3.3V
3.8V
4.8V
VIN=4.3V
4.5V
5.0V
6.0V


Similar Part No. - R1141Q401B-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q401B-TR-FE RICOH-R1141Q401B-TR-FE Datasheet
219Kb / 16P
   120mA LDO REGULATOR
More results

Similar Description - R1141Q401B-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com