Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1122N401B-TL Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1122N401B-TL
Description  LOW NOISE 150mA LDO REGULATOR???
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1122N401B-TL Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1122N401B-TL Datasheet HTML 1Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 2Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 3Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 4Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 5Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 6Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 7Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 8Page - RICOH electronics devices division R1122N401B-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Rev. 1.10
- 5 -
l R1122NXX1B
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN = Set VOUT+1V
1mA
£ IOUT £ 30mA
VOUT
´0.98
VOUT
´1.02
V
IOUT
Output Current
VIN = Set VOUT+1V
When VOUT = Set VOUT-0.1V
150
mA
DVOUT/DIOUT
Load Regulation
VIN = Set VOUT+1V
1mA
£ IOUT £ 80mA
12
40
mV
VDIF
Dropout Voltage
refer to the ELECTICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN = Set VOUT+1V
100
170
mA
Istandby
Supply Current (Standby)
VIN = Set VOUT+1V
VCE = GND
0.1
1.0
mA
DVOUT/DVIN
Line Regulation
Set VOUT+0.5V
£ VIN £ 8V
IOUT = 30mA
0.05
0.20
%/V
RR
Ripple Rejection
f = 1KHz, Ripple 0.5Vp-p
VIN = Set VOUT+1V
80
dB
VIN
Input Voltage
2.0
6.0
V
DVOUT/DT
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40
°C £ Topt £ 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT = 0V
30
mA
RPD
CE Pull-down Resistance
2.5
5
10
M
W
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW = 10Hz ~ 100kHz
30
mVrms
l ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25
°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Conditions
TYP.
MAX.
1.5
£ VOUT £ 1.6
0.32
0.55
1.7
£ VOUT £ 1.8
0.28
0.47
1.9
£ VOUT £ 2.3
0.25
0.35
2.4
£ VOUT £ 2.7
0.20
0.29
2.8
£ VOUT £ 5.0
IOUT = 100mA
0.19
0.26


Similar Part No. - R1122N401B-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1122N401B-TR-FE RICOH-R1122N401B-TR-FE Datasheet
268Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1122N401B-TL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com