Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5322N001B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5322N001B
Description  SOT23-6W 120mA 2ch LDO REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5322N001B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5322N001B Datasheet HTML 5Page - RICOH electronics devices division R5322N001B Datasheet HTML 6Page - RICOH electronics devices division R5322N001B Datasheet HTML 7Page - RICOH electronics devices division R5322N001B Datasheet HTML 8Page - RICOH electronics devices division R5322N001B Datasheet HTML 9Page - RICOH electronics devices division R5322N001B Datasheet HTML 10Page - RICOH electronics devices division R5322N001B Datasheet HTML 11Page - RICOH electronics devices division R5322N001B Datasheet HTML 12Page - RICOH electronics devices division R5322N001B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
R5322N
8
TYPICAL CHARACTERISTICS
1)
Output Voltage vs. Output Current
1.5V (VR1)
1.5V (VR2)
Output Current IOUT(A)
0.00
0.10
VIN=1.8V
VIN=2.0V
VIN=3.5V
VIN=2.5V
0.0
0.2
0.4
1.6
1.4
1.0
1.2
0.6
0.8
0.30
0.20
0.00
0.10
0.15
0.05
VIN=1.8V
VIN=2.0V
VIN=3.5V
0.0
0.2
0.4
1.6
1.4
1.0
1.2
0.6
0.8
0.30
0.20
0.25
VIN=2.5V
Output Current IOUT(A)
2.8V (VR1)
2.8V (VR2)
0.00
0.10
0.15
0.05
VIN=3.1V
VIN=3.3V
VIN=4.8V
0.0
0.5
3.0
2.5
2.0
1.0
1.5
0.30
0.20
0.25
VIN=3.5V
Output Current IOUT(A)
0.00
0.10
0.15
0.05
VIN=3.1V
VIN=3.3V
VIN=4.8V
0.0
0.5
3.0
2.5
2.0
1.0
1.5
0.30
0.20
0.25
VIN=3.5V
Output Current IOUT(A)
4.0V (VR1)
4.0V (VR2)
0.00
0.10
0.15
0.05
VIN=4.3V
VIN=4.5V
VIN=6.0V
0.0
0.5
4.5
4.0
3.5
3.0
2.5
2.0
1.0
1.5
0.30
0.20
VIN=5.0V
Output Current IOUT(A)
0.00
0.10
0.15
0.05
VIN=4.3V
VIN=4.5V
VIN=6.0V
0.0
0.5
4.5
4.0
3.5
3.0
2.5
2.0
1.0
1.5
0.30
0.20
0.25
VIN=5.0V
Output Current IOUT(A)


Similar Part No. - R5322N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N001B-TR RICOH-R5322N001B-TR Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
More results

Similar Description - R5322N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com