Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351899253 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 351899253
Description  4.75mm (.187") Tab, MP-Lock??Housing, 2 Circuits, 16.00mm (.630") Pitch, UL94V-0Polypropylene, Yellow
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

351899253 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  351899253 Datasheet HTML 1Page - Molex Electronics Ltd. 351899253 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351899253
Status:
Planned for Obsolescence
Description:
4.75mm (.187") Tab, MP-Lock™ Housing, 2 Circuits, 16.00mm (.630") Pitch, UL94V-0,
Polypropylene, Yellow
Documents:
3D Model
Product Specification PS-35189-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
35189
Product Name
MP-Lock™
Physical
Breakaway
No
Circuits (maximum)
2
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
None
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.630 In
Pitch - Mating Interface (mm)
16.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
12A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35189-001
Sales Drawing
SD-35189-0250
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35189Series
Mates With
Appliance Motor|Appliance Transformer
Use With
35068 MP-Lock™ Quick Disconnect
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 351899253

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
351899250 MOLEX4-351899250 Datasheet
91Kb / 2P
   4.75mm (.187
351899252 MOLEX4-351899252 Datasheet
91Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing, 2 Circuits, 16.00mm (.630") Pitch, UL94V-0,Polypropylene, Red
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com