Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE170A Datasheet(PDF) 1 Page - Jinan Gude Electronic Device

Part # P4KE170A
Description  TRANSIENT VOLTAGE SUPPRESSORS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

P4KE170A Datasheet(HTML) 1 Page - Jinan Gude Electronic Device

  P4KE170A Datasheet HTML 1Page - Jinan Gude Electronic Device P4KE170A Datasheet HTML 2Page - Jinan Gude Electronic Device P4KE170A Datasheet HTML 3Page - Jinan Gude Electronic Device P4KE170A Datasheet HTML 4Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - P4KE170A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE170A PANJIT-P4KE170A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE170A TSC-P4KE170A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Littelfuse
P4KE170A LITTELFUSE-P4KE170A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
P4KE170A LITTELFUSE-P4KE170A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
P4KE170A SECOS-P4KE170A Datasheet
334Kb / 3P
   400 Peak Power
More results

Similar Description - P4KE170A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
   Transient Voltage Suppressors Diode
logo
Jinan Gude Electronic D...
P6KE JGD-P6KE Datasheet
363Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
ESD12R SECOS-ESD12R Datasheet
230Kb / 2P
   240W Transient voltage suppressors Diode
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
   120W Transient Voltage Suppressors Diode
SESD03 SECOS-SESD03 Datasheet
337Kb / 2P
   110W Transient Voltage Suppressors Diode
KS05K5 SECOS-KS05K5 Datasheet
427Kb / 2P
   100W Transient Voltage Suppressors Diode
SESD03 SECOS-SESD03_15 Datasheet
337Kb / 2P
   110W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com