Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0350979812 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0350979812
Description  MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.30-0.50mm짼;), Metal StripTab 2.79 by 0.50mm (.110 by .020"), Pre-Tin Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350979812 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0350979812 Datasheet HTML 1Page - Molex Electronics Ltd. 0350979812 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350979812
Status:
Active
Description:
MP-Lock™ Quick Disconnect, Female, for 16-20 AWG (1.30-0.50mm²;), Metal Strip,
Tab 2.79 by 0.50mm (.110 by .020"), Pre-Tin Plated
Documents:
Drawing (PDF)
Product Specification PS-35506-001 (PDF)
Product Specification PS-35097-002 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E92853
General
Product Family
Quick Disconnects
Series
35097
Crimp Quality Equipment
Yes
Product Name
MP-Lock™
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
2.79mm (.110")
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.40mm (.134") max.
Wire Size AWG
16, 18, 20
Wire Size mm²
0.50 - 1.30
Electrical
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35097-002, PS-35506-001
Sales Drawing
SD-35097-9*12
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35097Series
Use With
2.80mm (.110") Tab
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator Rear Feed
0638021000
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0350979812

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0350979802 MOLEX4-0350979802 Datasheet
121Kb / 3P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20 AWG(1.30-0.50mm짼;), Metal Strip, Tab 2.79 by 0.50mm (.110 by .020"), Pre-Tin Plated
0350979822 MOLEX4-0350979822 Datasheet
105Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20AWG(1.31-0.52mm짼;), Metal Strip, Tab 2.79 by 0.60mm (.110 by .023"), Pre-Tin Plated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com