Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1221N50AF Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1221N50AF
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N50AF Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1221N50AF Datasheet HTML 4Page - RICOH electronics devices division R1221N50AF Datasheet HTML 5Page - RICOH electronics devices division R1221N50AF Datasheet HTML 6Page - RICOH electronics devices division R1221N50AF Datasheet HTML 7Page - RICOH electronics devices division R1221N50AF Datasheet HTML 8Page - RICOH electronics devices division R1221N50AF Datasheet HTML 9Page - RICOH electronics devices division R1221N50AF Datasheet HTML 10Page - RICOH electronics devices division R1221N50AF Datasheet HTML 11Page - RICOH electronics devices division R1221N50AF Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
12345
Rev. 1.11
- 8 -
l Use capacitors with a capacity of 22mF or more for VOUT Pin, and with good high frequency characteristics such
as tantalum capacitors. We recommend you to use capacitors with an allowable voltage which is at least twice as
much as setting output voltage. This is because there may be a case where a spike-shaped high voltage is
generated by an inductor when an external transistor is on and off.
l Choose an inductor that has sufficiently small D.C. resistance and large allowable current and is hard to reach
magnetic saturation. And if the value of inductance of an inductor is extremely small, the ILX may exceed the
absolute maximum rating at the maximum loading.
Use an inductor with appropriate inductance.
l Use a diode of a Schottky type with high switching speed, and also pay attention to its current capacity.
l Do not use this IC under the condition at VIN voltage less than minimum operating voltage.
P The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that
the values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.
n OPERATION of step-down DC/DC converter and Output Current
The step-down DC/DC converter charges energy in the inductor when Lx transistor is ON, and discharges the energy
from the inductor when Lx transistor is OFF and controls with less energy loss, so that a lower output voltage than the
input voltage is obtained. The operation will be explained with reference to the following diagrams :
<Basic Circuit>
<Current through L>
Step 1 : LxTr turns on and current IL(=i1) flows, and energy is charged into CL. At this moment, IL increases from
ILmin(=0) to reach ILmax in proportion to the on-time period(ton) of LXTr.
Step 2 : When LxTr turns off, Schottky diode(SD) turns on in order that L maintains IL at ILmax, and current IL(=i2)
flows.
Step 3 : IL decreases gradually and reaches ILmin after a time period of topen, and SD turns off, provided that
in the continuous mode, next cycle starts before IL becomes to 0 because toff time is not enough. In this
case, IL value is from this ILmin(>0).
In the case of PWM control system, the output voltage is maintained by controlling the on-time period(ton), sith the
oscillator frequency(fosc) being maintained constant.
l Discontinuous Conduction Mode and Continuous Conduction Mode
The maximum value(ILmax) and the minimum value(ILmin) of the current which flows through the inductor are the
same as those when LxTr is ON and when it is OFF.
The difference between ILmax and ILmin, which is represented by
DI ;
DI =ILmax –ILmin =VOUT´topen/L=(VIN-VOUT)´ton/L×××Equation 1
wherein T=1/fosc=ton+toff
duty(%)=ton/T
´100=ton´fosc´100
topen
£toff
SD
L
CL
VOUT
IOUT
VIN
Lx Tr
i1
i2
T=1/fosc
toff
ton
ILmax
ILmin
topen


Similar Part No. - R1221N50AF

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N50AF

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com