Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1223N332F Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1223N332F
Description  PWM/VFM Step-down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1223N332F Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1223N332F Datasheet HTML 6Page - RICOH electronics devices division R1223N332F Datasheet HTML 7Page - RICOH electronics devices division R1223N332F Datasheet HTML 8Page - RICOH electronics devices division R1223N332F Datasheet HTML 9Page - RICOH electronics devices division R1223N332F Datasheet HTML 10Page - RICOH electronics devices division R1223N332F Datasheet HTML 11Page - RICOH electronics devices division R1223N332F Datasheet HTML 12Page - RICOH electronics devices division R1223N332F Datasheet HTML 13Page - RICOH electronics devices division R1223N332F Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
12345
Rev. 1.11
- 10 -
n TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
1E-05 0.0001 0.001
0.01
0.1
1
Output Current IOUT(A)
12V
8V
4.5V
R1223N332H
L=27uH
1.470
1.480
1.490
1.500
1.510
1.520
1.530
1E-05 0.0001 0.001
0.01
0.1
1
Output Current IOUT(A)
13.2V
8V
5V
2.3V
R1223N152H
L=27uH
2) Efficiency vs. Output Current
R1223N332A(VIN=4.5V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT(mA)
CD104-27uH
Si3443DV
R1223N332A(VIN=12V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT(mA)
CD104-27uH
Si3443DV
R1223N332B(VIN=4.5V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT(mA)
CD104-27uH
Si3443DV
R1223N332B(VIN=12V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT(mA)
CD104-27uH
Si3443DV


Similar Part No. - R1223N332F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1221N RICOH-R1221N Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA RICOH-R1221N15AA Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA-TR RICOH-R1221N15AA-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC RICOH-R1221N15AC Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC-TR RICOH-R1221N15AC-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
More results

Similar Description - R1223N332F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com