Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190390006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190390006
Description  Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190390006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190390006 Datasheet HTML 1Page - Molex Electronics Ltd. 0190390006 Datasheet HTML 2Page - Molex Electronics Ltd. 0190390006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190390006
Status:
Active
Description:
Avikrimp™ Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter
3.96mm (.156")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19039
Comments
Fits Male Plug Dia. 3.96mm (.156")
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Snap Receptacle
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
PVC
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Tab Thickness
N/A
Tab Width
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.81mm (.150") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
BRB-8156
Reference - Drawing Numbers
Sales Drawing
SD-19039-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19039Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640012100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640052100


Similar Part No. - 0190390006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190390001 MOLEX4-0190390001 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
0190390002 MOLEX4-0190390002 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male Plug Diameter3.96mm (.156")
0190390004 MOLEX4-0190390004 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter4.57mm (.180")
0190390005 MOLEX4-0190390005 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male Plug Diameter4.57mm (.180")
0190390007 MOLEX4-0190390007 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com