Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5VL45A Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RE5VL45A
Description  VOLTAGE DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5VL45A Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RE5VL45A Datasheet HTML 3Page - RICOH electronics devices division RE5VL45A Datasheet HTML 4Page - RICOH electronics devices division RE5VL45A Datasheet HTML 5Page - RICOH electronics devices division RE5VL45A Datasheet HTML 6Page - RICOH electronics devices division RE5VL45A Datasheet HTML 7Page - RICOH electronics devices division RE5VL45A Datasheet HTML 8Page - RICOH electronics devices division RE5VL45A Datasheet HTML 9Page - RICOH electronics devices division RE5VL45A Datasheet HTML 10Page - RICOH electronics devices division RE5VL45A Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
R
×5VL
4
R
×5VL×××××× ←Part Number
↑ ↑↑
a
b c d
e
SELECTION GUIDE
The package type,the detector threshold,the output type,the packing type,and the taping type of R
×5VL
series can be designating at the user's request by specifying the part number as follows:
For example, the product with Package Type SOT-89, Detector Threshold 3.5V, Output Type Nch Open Drain
and Taping Type T1, is designated by Part Number RH5VL35AA-T1.
Code
Contents
Designation of Package Type:
a
E: TO-92
H: SOT-89 (Mini-power Mold)
N: SOT-23-5 (Mini-mold)
b
Setting Detector Threshold (–VDET):
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
Designation of Output Type:
c
A: Nch Open Drain
C: CMOS
Designation of Packing Type:
d
A: Taping
C: Antistatic bag for TO-92 and samples
Designation of Taping Type:
Ex. TO-92:
RF, RR, TZ
e
SOT-89:
T1, T2
SOT-23-5: TR, TL
(refer to Taping Specifications)
“TZ”, “T1” and “TR” are prescribed as a standard.


Similar Part No. - RE5VL45A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5VT09A RICOH-RE5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-RF RICOH-RE5VT09A-RF Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-RR RICOH-RE5VT09A-RR Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-T1 RICOH-RE5VT09A-T1 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-T2 RICOH-RE5VT09A-T2 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
More results

Similar Description - RE5VL45A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com