Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190120031 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 190120031
Description  Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250AWG, Blue Insulator, Loose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190120031 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  190120031 Datasheet HTML 1Page - Molex Electronics Ltd. 190120031 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 190120031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190120030 MOLEX4-190120030 Datasheet
126Kb / 3P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 18-22AWG, Red, Insulator, Tape
190120032 MOLEX4-190120032 Datasheet
126Kb / 3P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 14-16AWG, Blue Insulator, Tape
190120033 MOLEX4-190120033 Datasheet
126Kb / 2P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 10-12AWG, Yellow Insulator, Loose
More results

Similar Description - 190120031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190120033 MOLEX4-0190120033 Datasheet
126Kb / 2P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 10-12AWG, Yellow Insulator, Loose
0196020005 MOLEX4-0196020005 Datasheet
121Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 14-16 AWG, Blue Insulator, Loose
0190120029 MOLEX4-0190120029 Datasheet
126Kb / 2P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0191640990 MOLEX4-0191640990 Datasheet
85Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0196020004 MOLEX4-0196020004 Datasheet
121Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0190110035 MOLEX4-0190110035 Datasheet
117Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250
0190120032 MOLEX4-0190120032 Datasheet
126Kb / 3P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 14-16AWG, Blue Insulator, Tape
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
   Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
0196020012 MOLEX4-0196020012 Datasheet
121Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect
0190120030 MOLEX4-0190120030 Datasheet
126Kb / 3P
   Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 18-22AWG, Red, Insulator, Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com