Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192130012 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0192130012
Description  Avikrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192130012 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0192130012 Datasheet HTML 1Page - Molex Electronics Ltd. 0192130012 Datasheet HTML 2Page - Molex Electronics Ltd. 0192130012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0192130012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192130010 MOLEX4-0192130010 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192130011 MOLEX4-0192130011 Datasheet
114Kb / 2P
   Avikrimp??Wire Pin Terminal for 16-14 AWG Wire
More results

Similar Description - 0192130012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192110006 MOLEX4-0192110006 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192130008 MOLEX4-0192130008 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
0192130010 MOLEX4-0192130010 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192130011 MOLEX4-0192130011 Datasheet
114Kb / 2P
   Avikrimp??Wire Pin Terminal for 16-14 AWG Wire
0192110002 MOLEX4-0192110002 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
0192110004 MOLEX4-0192110004 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192120004 MOLEX4-0192120004 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0190730062 MOLEX4-0190730062 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 5/16", Length31.12mm (1.225"), Mylar Tape Carrier
0190730080 MOLEX4-0190730080 Datasheet
105Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 5/16", Length27.36m (1.077"), Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com