Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3112N131C-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R3112N131C-TR
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112N131C-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R3112N131C-TR Datasheet HTML 5Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 6Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 7Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 8Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 9Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 10Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 11Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 12Page - RICOH electronics devices division R3112N131C-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev. 1.10
- 9 -
R3112X271X
R3112X451X
2.60
2.65
2.70
2.75
2.80
2.85
2.90
-50
-25
0
25
50
75
100
Temperature Topt
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
4.75
-50
-25
0
25
50
75
100
Temperature Topt
3) Output Voltage vs. Input Voltage
R3112X091X
R3112X091A
Nch Output Type: VDD pull up
5V pull up via 470k
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Input Voltage VIN (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.2
0.4
0.6
0.8
1
Input Voltage VIN(V)
R3112X131X
R3112X131A
Nch Output Type: VDD pull up
5V pull up via 470k
0
0.3
0.6
0.9
1.2
1.5
0
0.3
0.6
0.9
1.2
1.5
Input Voltage VIN(V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.3
0.6
0.9
1.2
1.5
Input Voltage VIN(V)
(
°C)
+VDET
-VDET
+VDET
-VDET
(
°C)
Topt=-40
°C
25
°C
85
°C
Topt=-40
°C
25
°C
85
°C
Topt=-40
°C
25
°C
85
°C
Topt=-40
°C
25
°C
85
°C


Similar Part No. - R3112N131C-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112N131C RICOH-R3112N131C Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112N131C RICOH-R3112N131C Datasheet
61Kb / 1P
   MARK INFORMATION ME-R3112N-0310 R3112N SERIES MARK SPECIFICATION
More results

Similar Description - R3112N131C-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com