Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RY202C-TL Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RN5RY202C-TL
Description  VFM STEP-UP DC/DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RY202C-TL Datasheet(HTML) 1 Page - RICOH electronics devices division

  RN5RY202C-TL Datasheet HTML 1Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RY202C-TL Datasheet HTML 9Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VFM STEP-UP DC/DC
CONVERTER CONTROLLER
RN5RY202
NO.EA-042-0006
1
OUTLINE
The RN5RY202 Series are VFM (chopper) Control ICs for step-up DC/DC converter with an external power transis-
tor featuring high output voltage accuracy and low supply current by CMOS process. Each of the RN5RY202
Series ICs consists of a voltage reference unit, an error amplifier, an oscillator, a VFM control circuit and feed back
resistors.
Output voltage is fixed at 2V in the IC.
A low ripple, high efficiency step-up DC/DC converter can be constructed by simply adding an inductor, a diode, a
capacitor, and a drive transistor and feed back resistors.
Although the series have no CE pins unlike RN5RY
××1A, high voltage (VOUT=30V) can be also output by using
external feed back resistors.
FEATURES
• Low Supply Current............................................................................TYP. 3µA
• Low Temperature-Drift Coefficient of Output Voltage ...................TYP. ±50ppm/˚C
• High Accuracy Output Voltage .........................................................±2.5%
• Low Oscillation Start-up Voltage (no load) ......................................MAX. 0.8V
• Any output voltage can be set with external resistors
• Small Package SOT-23-5 (Mini-Mold)
APPLICATIONS
• Constant voltage power source for battery-powered instruments.
• Constant power source for cameras, camcorders, pagers, and other hand-held communication tools.
• Constant power source for devices that require higher voltages than battery voltages.
BLOCK DIAGRAM
+
2
3
1
5
Vref
Oscillator
Output
Buffer
VOUT
VDD
GND
EXT


Similar Part No. - RN5RY202C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RY201A RICOH-RN5RY201A Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RN5RY201A-TL RICOH-RN5RY201A-TL Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RN5RY201A-TR RICOH-RN5RY201A-TR Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RN5RY201C RICOH-RN5RY201C Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RN5RY201C-TL RICOH-RN5RY201C-TL Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results

Similar Description - RN5RY202C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com