Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190080008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 190080008
Description  Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 4.75mm (.187
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190080008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  190080008 Datasheet HTML 1Page - Molex Electronics Ltd. 190080008 Datasheet HTML 2Page - Molex Electronics Ltd. 190080008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190080008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190080001 MOLEX4-190080001 Datasheet
111Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
190080004 MOLEX4-190080004 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
190080006 MOLEX4-190080006 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
190080007 MOLEX4-190080007 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 6.35mm (.250") x 0.81mm (.032
More results

Similar Description - 190080008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190070014 MOLEX4-0190070014 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 4.75mm (.187") x 0.51mm
0190070013 MOLEX4-0190070013 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 4.75mm (.187") x 0.51mm (.0
0190080004 MOLEX4-0190080004 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
0190070019 MOLEX4-0190070019 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip,Tab 4.75mm (.187") x 0.81mm
0190080002 MOLEX4-0190080002 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab
0190160005 MOLEX4-0190160005 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190060009 MOLEX4-0190060009 Datasheet
76Kb / 2P
   Flag Avikrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab 4.75mm (.187
04/12/2010
0190070020 MOLEX4-0190070020 Datasheet
88Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip,Tab 4.75mm (.187") x 0.81mm (.0
0190160006 MOLEX4-0190160006 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
0190080001 MOLEX4-0190080001 Datasheet
111Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com