Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL-812-XWP-PL Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # BCL-812-XWP-PL
Description  Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2Extra Wide Pad
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BCL-812-XWP-PL Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  BCL-812-XWP-PL Datasheet HTML 1Page - Molex Electronics Ltd. BCL-812-XWP-PL Datasheet HTML 2Page - Molex Electronics Ltd. BCL-812-XWP-PL Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BCL-812-XWP-PL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BCL-812-XWP MOLEX4-BCL-812-XWP Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2", Un-PlatedExtra Wide Pad
More results

Similar Description - BCL-812-XWP-PL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210226 MOLEX4-0192210226 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 3/8", Plated,Wide Pad
0192210415 MOLEX4-0192210415 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2", Un-PlatedExtra Wide Pad
0192210581 MOLEX4-0192210581 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 3/8", PlatedWide Pad
0192210563 MOLEX4-0192210563 Datasheet
176Kb / 2P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4", PlatedWide Pad
0192210229 MOLEX4-0192210229 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 3/8", Plated,Wide Pad
0192210481 MOLEX4-0192210481 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 3/8", Un-platedExtra Wide Pad
0192210239 MOLEX4-0192210239 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 1/2", PlatedWide Pad
0192210458 MOLEX4-0192210458 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 3/8", Un-Plated,Wide Pad
0192210564 MOLEX4-0192210564 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 3/8", Un-Plated,Wide Pad
0192210416 MOLEX4-0192210416 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 1/2", Plated,Extra Wide Pad
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com