Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS5C338A Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RS5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C338A Datasheet(HTML) 5 Page - RICOH electronics devices division

  RS5C338A Datasheet HTML 1Page - RICOH electronics devices division RS5C338A Datasheet HTML 2Page - RICOH electronics devices division RS5C338A Datasheet HTML 3Page - RICOH electronics devices division RS5C338A Datasheet HTML 4Page - RICOH electronics devices division RS5C338A Datasheet HTML 5Page - RICOH electronics devices division RS5C338A Datasheet HTML 6Page - RICOH electronics devices division RS5C338A Datasheet HTML 7Page - RICOH electronics devices division RS5C338A Datasheet HTML 8Page - RICOH electronics devices division RS5C338A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
RS5C338A
2
BLOCK DIAGRAM
COMPARATOR_W
ALARM_W REGISTER
(MIN,HOUR,WEEK)
ALARM_D REGISTER
(MIN,HOUR)
COMPARATOR_D
TIME COUNTER
(SEC,MIN,HOUR,WEEK,DAY,MONTH,YEAR)
ADDRESS
REGISTER
ADDRESS
DECODER
SHIFT REGISTER
INTERRUPT CONTROL
32kHz
OUTPUT
CONTROL
DIVIDER
CORREC
-TION
DIV
OSC
OSCIN
32KOUT
CLKC
OSCOUT
OSC
DETECT
I/O
CONTROL
VSS
SCLK
SIO
CE
VDD
INTR
VOLTAGE
DETECT
PIN CONFIGURATION
32KOUT
1
SCLK
2
SIO
3
VSS
CE
VDD
OSCIN
OSCOUT
CLKC
INTR
4
5
8
9
10
7
6
• 10-pin SSOP (0.5mm pitch)


Similar Part No. - RS5C338A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A-E2 RICOH-RS5C338A-E2 Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
More results

Similar Description - RS5C338A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com