Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

191390015 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 191390015
Description  Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

191390015 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  191390015 Datasheet HTML 1Page - Molex Electronics Ltd. 191390015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 191390015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
191390011 MOLEX4-191390011 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291")
191390018 MOLEX4-191390018 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245")
More results

Similar Description - 191390015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191390016 MOLEX4-0191390016 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 4
0191270012 MOLEX4-0191270012 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 10
0191390003 MOLEX4-0191390003 Datasheet
69Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191390006 MOLEX4-0191390006 Datasheet
84Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191980071 MOLEX4-0191980071 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 06
0191390013 MOLEX4-0191390013 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191390018 MOLEX4-0191390018 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245")
0191390011 MOLEX4-0191390011 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291")
0191270010 MOLEX4-0191270010 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 8
0191270007 MOLEX4-0191270007 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com