Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194290015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 194290015
Description  MX150L??12 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

194290015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  194290015 Datasheet HTML 1Page - Molex Electronics Ltd. 194290015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194290015
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ 12 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount Flange
Assembly, without Gasket
Documents:
3D Model
Product Specification PS-19417-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
19429
Comments
For Inside Panel Mount Application
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Circuits (maximum)
12
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.230 In
Pitch - Mating Interface (mm)
5.84 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19429-001
Product Specification
PS-19417-001
Sales Drawing
SD-19429-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19429Series
Mates With
19418 Receptacle Assemblies
Use With
19417 Male Crimp Terminals
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 194290015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
194290011 MOLEX4-194290011 Datasheet
120Kb / 2P
   MX150L??8 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
More results

Similar Description - 194290015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194290011 MOLEX4-0194290011 Datasheet
120Kb / 2P
   MX150L??8 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
0194290009 MOLEX4-0194290009 Datasheet
115Kb / 2P
   MX150L??4 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
0194290016 MOLEX4-0194290016 Datasheet
133Kb / 2P
   MX150L??16 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
0194290039 MOLEX4-0194290039 Datasheet
129Kb / 2P
   MX150L??12 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, with Gasket
0194290005 MOLEX4-0194290005 Datasheet
112Kb / 2P
   MX150L??2 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, without Gasket
0194290038 MOLEX4-0194290038 Datasheet
122Kb / 2P
   MX150L??10 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, with Gasket
0194290040 MOLEX4-0194290040 Datasheet
133Kb / 2P
   MX150L??16 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, with Gasket
0194290037 MOLEX4-0194290037 Datasheet
120Kb / 2P
   MX150L??8 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Rear Mount FlangeAssembly, with Gasket
0194290033 MOLEX4-0194290033 Datasheet
112Kb / 2P
   MX150L??2 Circuit Panel Mount Plug for 14-22 AWG Wire, Rear Mount FlangeAssembly, with Gasket
0194290031 MOLEX4-0194290031 Datasheet
124Kb / 2P
   MX150L??12 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Through Hole FlangeAssembly, without Gasket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com