Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190160069 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190160069
Description  Krimptite??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190160069 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190160069 Datasheet HTML 1Page - Molex Electronics Ltd. 0190160069 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190160069
Status:
Active
Description:
Krimptite™ Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm
(.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19016
Comments
Butted Seam
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
Per Wire Specification
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
C-1143
Reference - Drawing Numbers
Sales Drawing
SD-19016-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19016Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Hand Tool
0640031300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640071300
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190160069

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0190160000 WEIDMULLER-0190160000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0190160001 MOLEX4-0190160001 Datasheet
103Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190160002 MOLEX4-0190160002 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190160003 MOLEX4-0190160003 Datasheet
103Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.81mm (.032")
0190160004 MOLEX4-0190160004 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com