Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV5C348A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RV5C348A
Description  4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C348A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RV5C348A Datasheet HTML 7Page - RICOH electronics devices division RV5C348A Datasheet HTML 8Page - RICOH electronics devices division RV5C348A Datasheet HTML 9Page - RICOH electronics devices division RV5C348A Datasheet HTML 10Page - RICOH electronics devices division RV5C348A Datasheet HTML 11Page - RICOH electronics devices division RV5C348A Datasheet HTML 12Page - RICOH electronics devices division RV5C348A Datasheet HTML 13Page - RICOH electronics devices division RV5C348A Datasheet HTML 14Page - RICOH electronics devices division RV5C348A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
R
×5C348A/B
8
5. Oscillation Halt Sensing Function and Supply Voltage Monitoring Function
The R
×5C348A/B incorporate an oscillation halt sensing circuit equipped with internal registers configured to
record any past oscillation halt, thereby identifying whether they are powered on from 0 volts or battery backed-up.
As such, the oscillation halt sensing circuit is useful for judging the validity of time data.
The R
×5C348A/B also incorporate a supply voltage monitoring circuit equipped with internal registers configured
to record any drop in supply voltage below a certain threshold value. Supply voltage monitoring threshold settings
can be selected between 2.1 and 1.6 volts through internal register settings.
The oscillation halt sensing circuit is configured to confirm the established invalidation of time data in contrast to
the supply voltage monitoring circuit intended to confirm the potential invalidation of time data. Further, the supply
voltage monitoring circuit can be applied to battery supply voltage monitoring.
6. Periodic Interrupt Function
The R
×5C348A/B incorporate a periodic interrupt circuit configured to generate periodic interrupt signals aside
from interrupt signals generated by the alarm circuit for output from the INTR pin. Periodic interrupt signals have
five selectable frequency settings of 2Hz (once per 0.5 seconds), 1Hz (once per 1 second), 1/60Hz (once per 1
minute), 1/3600Hz (once per 1 hour), and monthly (the first day of every month). Further, periodic interrupt
signals also have two selectable waveforms of a normal pulse form (with a frequency of 2Hz or 1Hz) and special
form adapted to interruption from the CPU in the level mode (with second, minute, hour, and month interrupts).
The register records of periodic interrupt signals can be monitored by using a polling function.
7. 32-kHz Clock Output Function
The R
×5C348A/B incorporate a 32-kHz clock circuit configured to generate clock pulses with the oscillation
frequency of a 32.768-kHz crystal oscillator for output from the 32KOUT pin (Nch. open drain output). For the
R
×5C348A, the 32-kHz clock output can be disabled by certain register settings. But it cannot be disabled without
manipulation of any two registers with different addresses, to prevent disabling in such events as the runaway of the
CPU. For the R
×5C348B, however, the 32-kHz clock circuit cannot be disabled by any register settings. For both
the R
×5C348A and the R×5C348B alike, the 32-kHz clock circuit is enabled at power-on.


Similar Part No. - RV5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RV5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com