Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0330015022 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0330015022
Description  MX150??Female Terminal, Silver (Ag) Plating, 18-20 AWG, Left Reel Payoff, SmallPolarization Rib, Contact Material Thickness 0.30mm (.012")
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0330015022 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0330015022 Datasheet HTML 1Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 2Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 3Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 4Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 5Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 6Page - Molex Electronics Ltd. 0330015022 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 0330015022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0330015022 MOLEX1-0330015022 Datasheet
37Kb / 2P
   MX150 Female Terminal, Silver Plating, 18 and 20 AWG, Left Reel Payoff
Note Can Only Be Used with MX150 Unsealed Connectors
0330015022 MOLEX1-0330015022_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Silver Plating, 18 and 20 AWG, Left Reel Payoff
Note Can Only Be Used with MX150 Unsealed Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com