Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS5RJ Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RS5RJ
Description  VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RJ Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RS5RJ Datasheet HTML 3Page - RICOH electronics devices division RS5RJ Datasheet HTML 4Page - RICOH electronics devices division RS5RJ Datasheet HTML 5Page - RICOH electronics devices division RS5RJ Datasheet HTML 6Page - RICOH electronics devices division RS5RJ Datasheet HTML 7Page - RICOH electronics devices division RS5RJ Datasheet HTML 8Page - RICOH electronics devices division RS5RJ Datasheet HTML 9Page - RICOH electronics devices division RS5RJ Datasheet HTML 10Page - RICOH electronics devices division RS5RJ Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6
RS5RJ
RS5RJ5045A,B
Topt=25˚C
(Note 1) Standby current of Version A
(Note 2) Standby current of Version B
Please refer to Basic Circuit for Test Circuit.
Symbol
Item
VIN
Operation Input Voltage
VDD
Step-up Output Voltage
Voscst
Oscillator Start-up Voltage
Vhold
Hold-on Voltage
fosc
MaximumOscillator Frequency
Maxdty
Oscillator Duty Cycle
VOL1
Lx Output Voltage
IOH1
Lx Leakage Current
VLXlim
Lx Voltage Limit
VOH
EXT Output Pch ON Voltage
VOL2
EXT Output Nch ON Voltage
VOUT
Output Voltage
VDIF
Dropout Voltage
∆VOUT/∆IOUT Load Regulation
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
VOL3
VDOUT ON Voltage
IOH2
VDOUT Leakage Current
IVDINH
VDIN “H” Input Current
IVDINL
VDIN “L” Input Current
VCEH
CE “H” Input Voltage
VCEL
CE “L” Input Voltage
ICEH
CE “H” Input Current
ICEL
CE “L” Input Current
IDD
Supply Current
Istandby
Standby Current
Conditions
MIN.
TYP.
MAX.
Unit
Note
No load
1.2
10
V
No load
5.36
5.5
5.64
V
No load
0.9
1.2
V
IOUT=1mA
0.7
V
80
100
120
kHz
65
80
90
%
IOL=50mA
0.5
V
0.01
10
µA
LX Pin On
0.9
V
IEXT= –3mA,VDD=5.5V
5.0
V
IEXT=5mA,VDD=5.5V
0.5
V
IRL= –5mA
4.87
5.0
5.13
V
IRL= –30mA
0.3
V
–30mA
≤IRL≤0mA
100
mV
4.38
4.5
4.62
V
112
225
450
mV
IOL=5mA
0.5
V
0.01
5
µA
VDIN=VDD
5µA
VDIN=Vss
–0.5
0.5
µA
VDD–0.3
VDD
V
00.2VDD
V
CE=VDD
–0.5
0.5
µA
CE=Vss
–0.5
0.5
µA
VIN=4V, L=100µH,
C=22µF, CE=Vss,
20
40
µA
No load
VIN=4V, L=100µH,
1.0
µA
Note1
C=22µF, CE=VDD,
No load
10.0
µA
Note2


Similar Part No. - RS5RJ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RM RICOH-RS5RM Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A RICOH-RS5RM3027A Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A-T1 RICOH-RS5RM3027A-T1 Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A-T2 RICOH-RS5RM3027A-T2 Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027B RICOH-RS5RM3027B Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
More results

Similar Description - RS5RJ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RM RICOH-RS5RM Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com