Electronic Components Datasheet Search |
|
0191440024 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0191440024 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0191440024 Status: Active Description: InsulKrimp™ Spade Tongue Terminal for 14-16 AWG Wire Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-19902-009 (PDF) Agency Certification CSA LR18689 UL E32244 General Product Family Ring and Spade Terminals Series 19144 Crimp Quality Equipment Yes Mil-Spec N/A Product Name InsulKrimp™ Type Spade Physical Barrel Type Closed Color - Resin Natural Flammability 94V-2 Insulation PVC Material - Plating Mating Tin Packaging Type Bag Plating min: Mating (µin) 100 Plating min: Mating (µm) 2.5 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Stud Size 8 (M4) Termination Interface: Style Crimp or Compression Wire Insulation Diameter 4.40mm (.175") max. Wire Size AWG 14, 16 Wire Size mm² 1.30 - 2.00 Material Info Old Part Number BB-227-08X Reference - Drawing Numbers Product Specification PS-19902-009 Sales Drawing SD-19144-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19144Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640010100 Hand Crimp Tool 0640010300 Crimp Head for the AT-200™ Pneumatic Hand Tool 0640050100 Crimp Head for the AT-200™ Pneumatic Hand Tool 0640050300 This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0191440024 |
|
Similar Description - 0191440024 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |