Electronic Components Datasheet Search |
|
F-966-12 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
F-966-12 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0190670076 Status: Active Description: NylaKrimp™ Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #12 Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR18689 UL E32244 General Product Family Ring and Spade Terminals Series 19067 Crimp Quality Equipment Yes Mil-Spec N/A Product Name NylaKrimp™ Type Ring Physical Barrel Type Closed - Brazed Flammability 94V-0 Insulation Nylon (PA) Material - Plating Mating Tin Packaging Type Bag Plating min: Mating (µin) 100 Plating min: Mating (µm) 2.5 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Stud Size 1/2" (M12) Termination Interface: Style Crimp or Compression Wire Insulation Diameter 12.95mm (.510") max. Wire Size AWG 4 Material Info Old Part Number F-966-12 Reference - Drawing Numbers Sales Drawing SD-19067-018 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19067Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Putt Pump Hydraulic System, Die set required 0192860117 Die Set (large) for the HHLS Hydralic Crimper 0192890007 Putt Pump Dieless Head System 0192860065 Hand Crimp Tool 0640013900 This document was generated on 06/08/2010 |
Similar Part No. - F-966-12 |
|
Similar Description - F-966-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |