Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RY201C-TL Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5RY201C-TL
Description  VFM STEP-UP DC/DC CONVERTER CONTROLLER?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RY201C-TL Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5RY201C-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 11Page - RICOH electronics devices division RN5RY201C-TL Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Symbol
RN5RY
××1
7
• RN5RY501
Topt=25˚C
Item
Conditions
MIN.
TYP.
MAX.
Unit
VIN
Input Voltage
10
V
IDD1
Supply Current 1
EXT No load, VOUT=5.25V, Test circuits1
3
5
µA
IDD2
Supply Current 2
EXT No load, VOUT=4.75V, Test circuits1
90
150
µA
Istandby
Standby Current
VOUT=2.5V, Test circuits2
0.6
1.5
µA
fosc
Maximum Oscillator Frequency
VOUT=4.75V, Test circuits3
180
kHZ
Duty
Oscillator Duty Cycle
VOUT=4.75V, EXT High side, Test circuits3
60
75
%
Vstart
Oscillator Start-Up Voltage
EXT No load, Test circuits4
0.7
0.8
V
∆VOUT
∆Topt
Output Voltage
Temperature Coefficient
IOUT=10mA
–30˚C
≤Topt≤85˚C
±50
ppm/˚C
IEXTH
EXT “H” Output Current
VOUT=4.75V, VEXT=GND, Test circuits5
–1.5
mA
IEXTL
EXT “L” Output Current
VOUT=4.75V, VEXT=4.75V, Test circuits6
1.5
mA
VCEH
CE “H” Input Voltage
VOUT=4.75V, Test circuits4
1.5
V
VCEL
CE “L” Input Voltage
VOUT=4.75V, Test circuits4
0.25
V
ICEH
CE “H” Input Current
CE=5.0V, Test circuits7
0
0.1
µA
ICEL
CE “L” Input Current
CE=GND, Test circuits8
–0.1
0
µA
VOUT
Output Voltage
VIN=2.5V, IOUT=10mA
4.875
5.000
5.125
V


Similar Part No. - RN5RY201C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY202A RICOH-RN5RY202A Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY202A-TL RICOH-RN5RY202A-TL Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY202A-TR RICOH-RN5RY202A-TR Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY202C RICOH-RN5RY202C Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results

Similar Description - RN5RY201C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com