Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV5VH Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RV5VH
Description  DC/DC CONVERTER CONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5VH Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RV5VH Datasheet HTML 3Page - RICOH electronics devices division RV5VH Datasheet HTML 4Page - RICOH electronics devices division RV5VH Datasheet HTML 5Page - RICOH electronics devices division RV5VH Datasheet HTML 6Page - RICOH electronics devices division RV5VH Datasheet HTML 7Page - RICOH electronics devices division RV5VH Datasheet HTML 8Page - RICOH electronics devices division RV5VH Datasheet HTML 9Page - RICOH electronics devices division RV5VH Datasheet HTML 10Page - RICOH electronics devices division RV5VH Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
RV5VH1
××/RV5VH2××
6
ELECTRICAL CHARACTERISTICS
• RV5VH101
DC/DC Converter 1
* ) VIN=1.2V, IOUT=10mA, Topt=25˚C, unless otherwise specified. (See Typical Application)
*1 ) This value only shows the supply current of DC/DC1, not include the supply current of Voltage Detector and external resistors.
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT1
Step-up Output Voltage
2.925
3.000
3.075
V
VINmax
Maximum Input Voltage
10
V
Vstart
Oscillator Start-up Voltage
No Load
0.7
0.8
V
Vhold
Hold-on Input Voltage
IOUT=1mA, VIN :2
→0V
0.7
V
ISS1
Supply Current1 *1
No Load, CSW=“L”
10
µA
ILX
LX Switching Current
VLX=0.4V
100
mA
ILXleak
LX Leakage Current
VLX=6.0V, VIN=3.5V
0.03
1
µA
fosc
Maximum Oscillator Frequency
110
130
150
kHz
Maxdty
Oscillator Duty Cycle
ON (VLX=“L”)
50
65
80
%
η
Efficiency
80
%
VLXlim
Voltage Limit for LX Switch
for LX pin
0.4
0.8
V
∆VOUT1
Output Voltage Temp. Coefficient
–40˚C
≤Topt≤85˚C
±100
ppm/˚C
∆Topt
VOUT1=3.0V, Topt=25˚C


Similar Part No. - RV5VH

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E1 RICOH-RV5VE001A-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E2 RICOH-RV5VE001A-E2 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B RICOH-RV5VE001B Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B-E1 RICOH-RV5VE001B-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
More results

Similar Description - RV5VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com