Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190030042 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 190030042
Description  InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190030042 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  190030042 Datasheet HTML 1Page - Molex Electronics Ltd. 190030042 Datasheet HTML 2Page - Molex Electronics Ltd. 190030042 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190030042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190030040 MOLEX4-190030040 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 14-16 AWG Wire
190030044 MOLEX4-190030044 Datasheet
112Kb / 3P
   InsulKrimp??Quick Disconnect, Female, Box, Tab 6.35mm (.250") x 0.81mm (.032")
190030045 MOLEX4-190030045 Datasheet
112Kb / 3P
   InsulKrimp??Quick Disconnect, Female, Continuous Molded Strip, Tab 6.35mm (.250")x 0.81mm (.032")
190030047 MOLEX4-190030047 Datasheet
177Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Box, Tab 6.35mm(.250") x 0.81mm (.032")
190030048 MOLEX4-190030048 Datasheet
176Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Continuous MoldedStrip, Tab 6.35mm (.250") x 0.81mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com