Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1221N50AH-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1221N50AH-TR
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N50AH-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1221N50AH-TR Datasheet HTML 3Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 4Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 5Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 6Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 7Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 8Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 9Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 10Page - RICOH electronics devices division R1221N50AH-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
12345
Rev. 1.11
- 7 -
n
n
n
n TYPICAL APPLICATIONS AND APPLICATION HINTS
Vcc
Reset/
CPU
EXT
VIN
VOUT
GND
VDOUT
CE
SD1
L
COUT
CIN
PMOS
R1
CE CONTROL
PMOS: HAT1020R (Hitachi), Si3443DV (Siliconix)
L : CD105(Sumida, 27
mH)
SD1
: RB491D (Rohm)
COUT : 47
mF(Tantalum Type)
CIN
:10
mF(Tantalum Type)
R1 : 100k
W
When you use these ICs, consider the following issues;
l As shown in the block diagram, a parasitic diode is formed in each terminal, each of these diodes is not formed
for load current, therefore do not use it in such a way. When you control the CE pin by another power supply,
do not make its "H" level more than the voltage level of VIN pin.
l Detector threshold hysteresis is set at 3 percent of detector threshold voltage. (Min. 1 percent, Max. 5 percent)
l Setting Detector threshold voltage range depends on Output voltage of DC/DC converter.
Release Voltage from Reset condition must not be more than Output voltage of DC/DC converter.
(Detector Threshold Voltage
´1.07 < Output Voltage of DC/DC converter´0.98
l When the R1221NXXXX is on stand-by mode, the output voltage of VDOUT is GND level, therefore if the pull-up
resistor for VDOUT pin is pulled up another power supply, a certain amount of current is loading through the
resistor.
l The operation of Latch-type protection circuit is as follows;
When the maximum duty cycle continues longer than the delay time for protection circuit, (Refer to the Electrical
Characteristics) the protection circuit works to shut-down the external Power MOS with its latching operation.
Therefore when an input/output voltage difference is small, the protection circuit may work even at small load
current.
To release the protection state, after disable this IC with a chip enable circuit, enable it again, or restart this IC
with power-on. However, in the case of restarting this IC with power-on, after the power supply is turned off, if
a certain amount of charge remains in CIN, or some voltage is forced to VIN from CIN, this IC might not be
restarted even after power-on.
If rising transition speed of supply voltage is too slow, or the time which is required for VIN voltage to reach
Output Voltage of DC/DC converter is longer than soft-starting time plus delay time for protection circuit,
protection circuit works before VIN voltage reaches Output Voltage of DC/DC converter. To avoid this condition,
make this IC disable(CE=”L”) first, then force VIN voltage, and after VIN voltage becomes equal or more than
VOUT, make this IC enable(CE=“H”).
l Set external components as close as possible to the IC and minimize the connection between the components
and the IC. In particular, a capacitor should be connected to VOUT pin with the minimum connection. And make
sufficient grounding and reinforce supplying. A large switching current flows through the connection of power
supply, an inductor and the connection of VOUT. If the impedance of power supply line is high, the voltage level of
power supply of the IC fluctuates with the switching current. This may cause unstable operation of the IC.


Similar Part No. - R1221N50AH-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N50AH-TR

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com