Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34062-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34062-0001
Description  5.00mm (.197") Pitch MX150??Cable Sealed Female Connector, Single Row, 2Circuits, Polarization A, without Connector Position Assurance, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

34062-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34062-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 34062-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0340620001
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
5.00mm (.197") Pitch MX150™ Cable Sealed Female Connector, Single Row, 2
Circuits, Polarization A, without Connector Position Assurance, Black
Documents:
3D Model
Product Specification PS-34062-000 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
34062
Comments
No Connector Position Assurance (CPA)
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Circuits (maximum)
2
Circuits Detail
2
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
15A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-30907-879
Product Specification
PS-34062-000
Sales Drawing
SD-34062-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34062Series
Mates With
Direct Connect only
Use With
34083 Tin (Sn) Cable Seal Female Terminal,
34081 Gold (Au) Cable Seal Female
Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34062-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34062-0002 MOLEX4-34062-0002 Datasheet
333Kb / 2P
   5.00mm (.197") Pitch MX150??Cable Sealed Female Connector, Single Row, 2Circuits, Polarization B, without Connector Position Assurance, Gray
34062-0004 MOLEX4-34062-0004 Datasheet
333Kb / 2P
   5.00mm (.197") Pitch MX150?
logo
MolexKits
34062-0005 MOLEXKITS-34062-0005 Datasheet
38Kb / 2P
   SIngle Row Receptacle to Distributor with CPA
logo
Molex Electronics Ltd.
34062-0005 MOLEX4-34062-0005 Datasheet
333Kb / 2P
   5.00mm (.197
logo
MolexKits
34062-0006 MOLEXKITS-34062-0006 Datasheet
38Kb / 2P
   SIngle Row Receptacle to Distributor with CPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com