Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5VL36A-RR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RE5VL36A-RR
Description  VOLTAGE DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5VL36A-RR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RE5VL36A-RR Datasheet HTML 5Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 6Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 7Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 8Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 9Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 10Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 11Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 12Page - RICOH electronics devices division RE5VL36A-RR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
R
×5VL
6
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
VDD
Supply Voltage
VOUT
Output Voltage
IOUT
Output Current
PD1
Power Dissipation 1
(NOTE1)
PD2
Power Dissipation 2
(NOTE2)
Topt
Operating Temperature Range
Tstg
Storage Temperature Range
Tsolder
Lead Temperature (Soldering)
Rating
Unit
12
V
CMOS
VSS–0.3 to VDD+0.3
V
Nch
VSS–0.3 to 12
70
mA
300
mW
150
mW
–30 to +80
˚C
–55 to +125
˚C
260˚C,10s
Topt=25˚C
(NOTE 1) applied to SOT-89 and TO-92
(NOTE 2) applied to SOT-23-5
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above
these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress
ratings only and do not necessarily imply functional operation below these limits.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - RE5VL36A-RR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5VT09A RICOH-RE5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-RF RICOH-RE5VT09A-RF Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-RR RICOH-RE5VT09A-RR Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-T1 RICOH-RE5VT09A-T1 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RE5VT09A-T2 RICOH-RE5VT09A-T2 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
More results

Similar Description - RE5VL36A-RR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com