Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS5RM3531B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RS5RM3531B
Description  PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RM3531B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RS5RM3531B Datasheet HTML 1Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 2Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 3Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 4Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 5Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 6Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 7Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 8Page - RICOH electronics devices division RS5RM3531B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
4
Topt=25˚C,Vss=0V
RS5RM
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
VDD
Supply Voltage
VLX
LX Pin Voltage
VEXT
Output Voltage
EXT Pin Voltage
VOUT
VOUT Pin Voltage
VDOUT
VDOUT Pin Voltage
VCE
Input Voltage
CE Pin Voltage
VDIN
VDIN Pin Voltage
A Version
B Version
ILX
Inductor Drive Output Current
Lx Pin Current
IEXT
EXT Pin Current
PD
Power Dissipation
Topt
Operating Temperature Range
Tstg
Storage Temperature Range
Tsolder
Lead Temperature (Soldering)
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above
these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress
ratings only and do not necessarily imply functional operation below these limits.
ABSOLUTE MAXIMUM RATINGS
Rating
Unit
– 0.3 to +12
V
Vss– 0.3 to +12
V
Vss – 0.3 to VDD+0.3
V
Vss –0.3 to VDD+0.3
V
Vss–0.3 to +12
V
Vss–0.3 to VDD+0.3
V
Vss–0.3 to VDD+0.3
V
Vss–0.3 to +12
250
mA
50
mA
300
mW
–30 to +80
˚C
–55 to +125
˚C
260˚C, 10s


Similar Part No. - RS5RM3531B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A RICOH-RS5RJ3027A Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T1 RICOH-RS5RJ3027A-T1 Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T2 RICOH-RS5RJ3027A-T2 Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027B RICOH-RS5RJ3027B Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
More results

Similar Description - RS5RM3531B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com